PART |
Description |
Maker |
SF-THEX-6-200 |
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 6 x 200 mm, ergonomically shaped handle, matt chrome-plated
|
PHOENIX CONTACT
|
SF-THEX-4-150 |
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 4 x 150 mm, ergonomically shaped handle, matt chrome-plated
|
PHOENIX CONTACT
|
CLM-E22 |
Clip material : Corrosion resisting steel X 12 CrNi 17 7
|
Ferroxcube International Holding B.V.
|
XC95288XV DS050 XC95288XV-7TQ144I XC95288XV-10CS28 |
High-Performance CPLD From old datasheet system Advance Product Specification D-Subminiature Connector; Gender:Female; No. of Contacts:15; Contact Termination:Through Hole; D Sub Shell Size:DB15; Body Material:Steel; Body Plating:Zinc; Contact Plating:Gold Flash; Mounting Type:Through Hole RoHS Compliant: Yes D-Subminiature Connector; Gender:Male; No. of Contacts:15; Contact Termination:Crimp; D Sub Shell Size:DB15; Body Material:Steel; Body Plating:Zinc; Contact Plating:Gold RoHS Compliant: Yes LJT 10C 10#20 PIN PLUG DSUB 15 M SOD FLOA G Metal Connector Backshell; Enclosure Material:Steel; Connector Type:Right-Angle; Leaded Process Compatible:No; No. of Positions:25; Peak Reflow Compatible (260 C):No RoHS Compliant: No DSUB B/S DB 90DEG METAL 1 FLASH PLD, 10 ns, PQFP144 DSUB B/S DB STRT METAL 1 FLASH PLD, 10 ns, PQFP208 Plastic Connector Backshell; Enclosure Material:Steel; Enclosure Color:Yellow; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No FLASH PLD, 10 ns, PQFP208
|
XILINX[Xilinx, Inc] Xilinx, Inc.
|
TLP3041 TLP3042 TLP3043 |
office machine houselold use equipment 办公机械houselold使用的设 ; Pack Quantity:100; Thread Size:8-32; Material:Steel
|
Toshiba, Corp. Toshiba Corporation Toshiba Semiconductor
|
BYX90G BYX90G_2 |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Conductor Plating:Copper; Jacket Color:Black RoHS Compliant: Yes High-voltage soft-recovery controlled avalanche rectifier From old datasheet system
|
NXP Semiconductors N.V. Philips Semiconductors
|
AP1115 AP1115A AP1115AV15 AP1115AV15A AP1115AV15L |
SCREWDRIVER, SENSO SLOT 4.0 X 125SCREWDRIVER, SENSO SLOT 4.0 X 125; Tip Size A x B:4 x 0.8mm; Tip size:4mm; Length, blade:125mm; Length, Inches:5"; Handle type:COLOUR CODED; Tip Size:4 mm; Tip type:Parallel Slot RES 2.43K 1% 1/16W 0603 0.6A的低压差正可调或固定模式稳压 0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator 0.6A的低压差正可调或固定模式稳压 Circular Connector; No. of Contacts:9; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-20 RoHS Compliant: No Circular Connector; No. of Contacts:9; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:22-20 RoHS Compliant: No SCREWDRIVER SET, SENSO SL/PH 5 PCSCREWDRIVER SET, SENSO SL/PH 5 PC; Handle type:COLOUR CODED; Kit contents:75 x 4, 100 x 5.5, 150 x 6.5mm Flared tip. 49012 PH 1 x 80, PH 2 x 100mm PH
|
Square D by Schneider Electric SIEMENS AG NEC, Corp. ETC[ETC] ANACHIP[Anachip Corp] http://
|
7201J1ZQE 7203J1ZQE2 7201J1ZQE2 7201J1A3QE2 598001 |
7000 Series Miniature Rocker Lever Handle Switches Miniature Rocker & Lever Handle Switches Miniature Rocker & Lever Handle Switches
|
C&K Components
|
CY25BAH-8F CY25BAH-8F-T13 |
D-Subminiature Connector; Gender:Female; Number of Contacts:80; Contact Termination:IDC; Body Material:Steel; Contact Plating:Nickel; Leaded Process Compatible:No; Mounting Type:PC Board; Peak Reflow Compatible (260 C):No NCH IGBT FOR STROBE FLASHER Transistors>IGBT>for Stlobe use
|
Renesas Electronics Corporation. RENESAS[Renesas Electronics Corporation]
|
H-9149 H-9113 H-9112 H-9111 |
HANDLE
|
Bud Industries, Inc.
|
H-9162 H-9163 H-9165 H-9166 H-9160 H-9164 H-9168 H |
HANDLE
|
Bud Industries, Inc.
|